PART |
Description |
Maker |
SBA100-04Y SBA100-04YSMP-FD |
10 A, 40 V, SILICON, RECTIFIER DIODE SMP-FD, 3 PIN Schottky Barrier Diode (Twin Type Cathode Common) 40V, 10A Rectifier 40V 10A Rectifier 40V/ 10A Rectifier
|
SANYO Semiconductor Co., Ltd. SANYO[Sanyo Semicon Device]
|
100JB12L 35MB100A 35MB10A 35MB120A 100JB10L 100JB1 |
10 to 35 Amp Rectifier Bridges V(rrm): 400V; 25A rectifier bridge V(rrm): 1200V; 35A rectifier bridge V(rrm): 100V; 25A rectifier bridge V(rrm): 1000V; 25A rectifier bridge V(rrm): 1000V; 10A rectifier bridge V(rrm): 100V; 10A rectifier bridge V(rrm): 400V; 10A rectifier bridge V(rrm): 1200V; 10A rectifier bridge V(rrm): 50V; 10A rectifier bridge V(rrm): 200V; 10A rectifier bridge V(rrm): 600V; 10A rectifier bridge V(rrm): 800V; 10A rectifier bridge V(rrm): 1200V; 25A rectifier bridge V(rrm): 1000V; 35A rectifier bridge V(rrm): 50V; 25A rectifier bridge V(rrm): 600V; 25A rectifier bridge
|
IRF[International Rectifier]
|
VC-710-DFF-GFM-200.000 VC-710 VC-710-DFC-GFA-125.0 |
CRYSTAL 20.0000 MHZ 18PF SMD 压控晶体振荡 CONNECTOR ACCESSORY 连接器附 Voltage Controlled Crystal Oscillator 压控晶体振荡 RECTIFIER SCHOTTKY DUAL 10A 45V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE 压控晶体振荡 RECTIFIER SCHOTTKY SINGLE 10A 40V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 45V 150A-ifsm 0.84V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY SINGLE 10A 50V 150A-ifsm 0.95V-vf 0.1mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 10A 40V 125A-ifsm 0.7V-vf 0.1mA-ir TO-220AB 50/TUBE XTAL CER SMT 6X3.5 2PAD AB 6C 6#16 SKT PLUG
|
Electronic Theatre Controls, Inc. ETC[ETC] Vectron International, Inc
|
SD1060YS-T3 SD1040YS-T3 SD1080YS-T3 SD10100YS-T3 S |
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 10A条的DPAK表面贴装肖特基整 Isolation Transformer (SD1020YS - SD10100YS) 10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
SBR10U60CT |
10A SBR Super Barrier Rectifier 5 A, 60 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Diodes, Inc.
|
FFPF10UP60S FFPF10UP60STU |
Ultrafast Rectifier 10 A, 600 V, SILICON, RECTIFIER DIODE, TO-220AC 10A/600V UltraFast Rectifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PB1010G PB1010S PB1000G PB1000G_06 PB1000S PB1001G |
10A SINGLE-PHASE BRIDGE RECTIFIER 10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
|
WTE[Won-Top Electronics]
|
PB1010 PB1006 PB1000 PB1001 PB1002 PB1004 PB1008 |
10A BRIDGE RECTIFIER
|
WTE[Won-Top Electronics]
|
1N3880 |
Fast Rectifier, 5A < I(O)/I(F) s 10A
|
New Jersey Semi-Conductor P...
|
GMR10H100CTPF3 GMR10H100C GMR10H100CTB3T GMR10H100 |
10A SCHOTTKY RECTIFIER
|
Gamma Microelectronics Inc.
|
GMR10H200CTPF3 GMR10H200C1 GMR10H200CTB3T GMR10H20 |
10A SCHOTTKY RECTIFIER
|
Gamma Microelectronics Inc.
|
10TQ045S 10TQ040S 10TQ030S 10TQ035 10TQ 10TQ045 10 |
SCHOTTKY RECTIFIER 肖特基整流器 35V 10A Schottky Discrete Diode in a D2-Pak package 35V0A条肖特基二极管的分立的一D2 - PAK封装 40V 10A Schottky Discrete Diode in a D2-Pak package 35V 10A Schottky Discrete Diode in a TO-220AC package 45V 10A Schottky Discrete Diode in a TO-220AC package 45V 10A Schottky Discrete Diode in a D2-Pak package
|
International Rectifier, Corp. SIEMENS AG IRF[International Rectifier]
|